Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002W Datasheet (PDF) - ON Semiconductor

2N7002W Datasheet PDF - ON Semiconductor
Part # 2N7002W
Download  2N7002W Download
File Size   107.65 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0

2N7002W Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002W Datasheet PDF - ON Semiconductor

Part # 2N7002W
Download  2N7002W Click to download

File Size   107.65 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0

2N7002W Datasheet (HTML) - ON Semiconductor


2N7002W Product details

Features
• ESD Protected
• Low RDS(on)
• Small Footprint Surface Mount Package
• 2V Prefix for Automotive and Other Applications Requiring Unique
    Site and Control Change Requirements; AEC−Q101 Qualified and
    PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Low Side Load Switch
• Level Shift Circuits
• DC−DC Converter
• Portable Applications i.e. DSC, PDA, Cell Phone, etc.




Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
logo
Weitron Technology
2N7002W WEITRON-2N7002W Datasheet
104Kb / 4P
N-Channel MOSFET
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
81Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 9 - 2
logo
Pan Jit International I...
2N7002W PANJIT-2N7002W Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
TRANSYS Electronics Lim...
2N7002W TEL-2N7002W Datasheet
112Kb / 1P
Plastic-Encapsulated Transistors
More results


Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
2N7002W ONSEMI-2N7002W_12 Datasheet
108Kb / 5P
Small Signal MOSFET 60 V, 340 mA, Single, N.Channel, SC.70
September, 2012 ??Rev. 5
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002E ONSEMI-2N7002E_V01 Datasheet
205Kb / 6P
Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com