Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2388 Datasheet (PDF) - Princeton Technology Corp

PT2388 Datasheet PDF - Princeton Technology Corp
Part # PT2388
Download  PT2388 Download
File Size   112.22 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 5-Mode Preset Equalizer IC???

PT2388 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2388 Datasheet PDF - Princeton Technology Corp

Part # PT2388
Download  PT2388 Click to download

File Size   112.22 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 5-Mode Preset Equalizer IC???

PT2388 Datasheet (HTML) - Princeton Technology Corp


PT2388 Product details

DESCRIPTION
PT2388 is a 2-channel digital preset equalizer utilizing CMOS Technology. It provides 5 different sound selections, namely: Flat/Normal, Rock, Pops, Classic and Jazz. A Bass Booster may be added to any of 5 sound selections, thereby creating more audio versatility. PT2388 provides two types of key selection mode, namely: the Direct and the Cyclic. Pin assignment and application circuit are optimized for cost saving advantages and easy PCB layout.

FEATURES
• CMOS technology
• Low total harmonic distortion and high S/N ratio: THD + N < 0.02%, S/N > 95dB
• LED display output mode
• Least external components
• 5 sound selections provided: Flat/Normal, Classic, Rock, Pops, and Jazz
• Bass booster function
• 2-channel output
• Wide operating voltage Range: 5 ~ 9V
• Direct or cyclic key selection is provided
• Available in DIP or SOP

APPLICATIONS
• Walkman
• Car audio
• Fader
• Multimedia audio components
• MPEG card




Similar Part No. - PT2388

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
PT2388-S PTC-PT2388-S Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
More results


Similar Description - PT2388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
4 Mode Preset Equalizer IC
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
Five preset mode equalizer circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com