Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5389 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC5389 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC5389
Download  SC5389 Download
File Size   158.24 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS

SC5389 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5389 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC5389
Download  SC5389 Click to download

File Size   158.24 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS

SC5389 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC5389 Product details

DESCRIPTION
The SC5389 is a 2-channel digital preset equalizer utilizing CMOS technology. It provides 5 different sound selections, namely: Flat/Normal, Rock, Pops, Classic and Jazz. Bass Booster and 3D Effects may be added to any of 5 sound selections, thereby creating more audio versatility. SC5389 provides two types of key selection mode, namely: the Direct and the Cyclic. Pin assignment and application circuit are optimized for cost saving advantages and easy PCB layout.

FEATURES
* CMOS Technology
* Low Total Harmonic Distortion and High S/N Ratio: THD+N<0.01%, S/N>95dB
* LED Display Output Mode
* 5 Sound Selections Provided: Flat/Normal, Classic, Rock, Pops, and Jazz
* Bass Booster Function & 3D Effect Provided
* 2-Channel Output
* Wide Operating Voltage Range: 5 – 9 V
* Direct or Cyclic Key Selection is Provided

APPLICATIONS
* Car Audio
* Mini compo
* Multimedia Audio Components




Similar Part No. - SC5389

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5382 FAIRVIEW-SC5382 Datasheet
528Kb / 3P
SMP Male Full Detent PCB Connector .065 inch End Launch Solder Attachment
REV 1.4
SC5386 FAIRVIEW-SC5386 Datasheet
562Kb / 3P
SMP Male Full Detent PCB Connector .092 inch End Launch Solder Attachment
REV 2.1
logo
Toshiba Semiconductor
SC5387 TOSHIBA-SC5387 Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
3D EFFECT AUDIO PROCESSOR
logo
Toshiba Semiconductor
SC5387S TOSHIBA-SC5387S Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results


Similar Description - SC5389

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
4 Mode Preset Equalizer IC
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
5-Mode Preset Equalizer IC???
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
3-band EQ and Bass Boost and 3D Sound Effects
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com