Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282807-4 Datasheet (PDF) - Tyco Electronics

282807-4 Datasheet PDF - Tyco Electronics
Part # 282807-4
Download  282807-4 Download
File Size   56.28 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH

282807-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
282807-4 Datasheet PDF - Tyco Electronics

Part # 282807-4
Download  282807-4 Click to download

File Size   56.28 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH

282807-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 282807-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
282805-2 MACOM-282805-2 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
282805-3 MACOM-282805-3 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
282805-4 MACOM-282805-4 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
More results


Similar Description - 282807-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282847 MACOM-C-282847 Datasheet
198Kb / 2P
TERMINAL BLOCK, PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-1546074 MACOM-C-1546074 Datasheet
97Kb / 2P
TERMINAL BLOCK PCB MOUNT ANGLED ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-282811 MACOM-C-282811 Datasheet
39Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? STACKING W/INTERLOCK 5mm PITCH
C-282824 MACOM-C-282824 Datasheet
39Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING W/INTERLOCK 5.08mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-1546237 MACOM-C-1546237 Datasheet
55Kb / 1P
TERMINAL BLOCK MULTIPLE HEADER ASSEMBLY, 90DEGREE STACKING W/INTERLOCK, 5.08mm PITCH
C-282805 MACOM-C-282805 Datasheet
42Kb / 1P
TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH
C-284053 MACOM-C-284053 Datasheet
169Kb / 2P
TERMINAL BLOCK MULTIPLE HEADER ASSEMBLY 90 ? STACKING W/INTERLOCK 5.08mm PITCH
C-284509 MACOM-C-284509 Datasheet
51Kb / 1P
TERMINAL BLOCK PLUG STACKING WITH INTERLOCK 3.81mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com