Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282805-3 Datasheet (PDF) - Tyco Electronics

282805-3 Datasheet PDF - Tyco Electronics
Part # 282805-3
Download  282805-3 Download
File Size   42.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH

282805-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
282805-3 Datasheet PDF - Tyco Electronics

Part # 282805-3
Download  282805-3 Click to download

File Size   42.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL BLOCK PLUG STACKING W/INTERLOCK 5mm PITCH

282805-3 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 282805-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
282807-2 MACOM-282807-2 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
282807-3 MACOM-282807-3 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
282807-4 MACOM-282807-4 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
282807-5 MACOM-282807-5 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
More results


Similar Description - 282805-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796684 MACOM-C-796684 Datasheet
64Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282856 MACOM-C-282856 Datasheet
184Kb / 2P
TERMINAL BLOCK, PCB MOUNT SIDE ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-796690 MACOM-C-796690 Datasheet
230Kb / 2P
TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRYK, STACKING W/INTERLOCK, 5mm PITCH
C-282811 MACOM-C-282811 Datasheet
39Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? STACKING W/INTERLOCK 5mm PITCH
C-282821 MACOM-C-282821 Datasheet
38Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING WITH INTERLOCK 5mm PITCH
C-282824 MACOM-C-282824 Datasheet
39Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? STACKING W/INTERLOCK 5.08mm PITCH
C-284056 MACOM-C-284056 Datasheet
113Kb / 1P
TERMINAL BLOCK MULTIPLE HEADER, 180 STACKING W/INTERLOCK, 5.0mm PITCH
C-282807 MACOM-C-282807 Datasheet
56Kb / 1P
TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
C-284509 MACOM-C-284509 Datasheet
51Kb / 1P
TERMINAL BLOCK PLUG STACKING WITH INTERLOCK 3.81mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com