Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2462 Datasheet (PDF) - Princeton Technology Corp

PT2462 Datasheet PDF - Princeton Technology Corp
Part # PT2462
Download  PT2462 Download
File Size   427.32 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Infrared Remote Control Transmitters

PT2462 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2462 Datasheet PDF - Princeton Technology Corp

Part # PT2462
Download  PT2462 Click to download

File Size   427.32 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Infrared Remote Control Transmitters

PT2462 Datasheet (HTML) - Princeton Technology Corp


PT2462 Product details

Description

PT2461 and PT2462 are remote control transmitters utilizing CMOS Technology specially designed for infrared applications. They are compatible with LC7461M and LC7462M respectively and are capable of controlling 32 function keys and 3 double keys. PT2461 is housed in 24 pins, SO or DIP Package and provides 13 bits Custom Code while PT2462 is available in 20 pins, SO or DIP Package and provides 8 bits of Custom Code.



Features

❒ CMOS Technology

❒ Low Power Consumption

❒ Least External Components

❒ 32 ⊕ 3 Function Keys

❒ Wide Range of Operating Voltage : VDD = 1.8 ~ 5.5 V

❒ Double Key Operation (No order of priority given)

❒ On-Chip Oscillator can be constructed using an externally connected ceramic resonator

❒ PT2461 provides 13 bits Custom Code while PT2462 provides 8 bits Custom Code

❒ Using SEL Pin, PT2462 provides 2 custom code options.

❒ Up to 64 Custom Codes may be selected externally for PT2461



Applications

❒ Multi-Media DVD Player

❒ Moniputer

❒ Audio Equipment

❒ Televisions (TVs)

❒ Video Cassette Recorders (VCRs)

❒ Audio Cassette Decks

❒ Air Conditioners



 




Similar Part No. - PT2462

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2462 PTC-PT2462 Datasheet
448Kb / 12P
Remote Control Transmitter
PT2462-S PTC-PT2462-S Datasheet
448Kb / 12P
Remote Control Transmitter
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Similar Description - PT2462

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
INFRARED REMOTE CONTROL
logo
Mitsubishi Electric Sem...
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
30-Function Remote-control Transmitters
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
30-FUNCTION REMOTE-CONTROL TRANSMITTERS
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
Infrared Remote-control
logo
Everlight Electronics C...
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
Infrared Remote Control
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
Infrared Remote Control
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
Infrared Remote Control
8????8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com