Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM339 Datasheet (PDF) - ELM Electronics

ELM339 Datasheet PDF - ELM Electronics
Part # ELM339
Download  ELM339 Download
File Size   27.02 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description INFRARED REMOTE CONTROL

ELM339 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM339 Datasheet PDF - ELM Electronics

Part # ELM339
Download  ELM339 Click to download

File Size   27.02 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description INFRARED REMOTE CONTROL

ELM339 Datasheet (HTML) - ELM Electronics


ELM339 Product details

Description
The ELM339 is a complete remote control decoder in an 8 pin package. With the addition of a standard infrared receiver module, three individual outputs can be simultaneously controlled using a television remote control transmitter.
This circuit responds to Sony™ television control codes, chosen because most universal remotes default to them when initially powered up. The ELM339 continuously monitors the stream of data from an infrared receiver module looking for these Sony type remote control codes. If an appropriate three digit code is detected, the selected output either turns on, turns off, or switches its state.

Features
• Low power CMOS design - typically 1mA at 5V
• Three separate outputs
• Pulse output for momentary controls
• Signal received output for visual feedback
• Easy interface to standard receiver modules
• Works with universal TV remote transmitters
• High current drive outputs - up to 25 mA

Applications
• Basic home automation systems
• Remote smoke alarm test initiator
• Garage door controller
• Lamp controller




Similar Part No. - ELM339

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM339P ELM-ELM339P Datasheet
31Kb / 4P
Three separate outputs
More results


Similar Description - ELM339

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
Infrared Remote-control
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
logo
Everlight Electronics C...
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
Infrared Remote Control
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
Infrared Remote Control
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
Infrared Remote Control
8????8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com