Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM339P Datasheet (PDF) - ELM Electronics

ELM339P Datasheet PDF - ELM Electronics
Part # ELM339P
Download  ELM339P Download
File Size   31.42 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Three separate outputs

ELM339P Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM339P Datasheet PDF - ELM Electronics

Part # ELM339P
Download  ELM339P Click to download

File Size   31.42 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Three separate outputs

ELM339P Datasheet (HTML) - ELM Electronics


ELM339P Product details

Description
The ELM339 is a complete remote control decoder in an 8 pin package. With the addition of a standard infrared receiver module, three individual outputs can be simultaneously controlled using a television remote control transmitter.
This circuit responds to Sony™ television control codes, chosen because most universal remotes default to them when initially powered up. The ELM339 continuously monitors the stream of data from an infrared receiver module looking for these Sony type remote control codes. If an appropriate three digit code is detected, the selected output either turns on, turns off, or switches its state.

Features
• Low power CMOS design - typically 1mA at 5V
• Three separate outputs
• Pulse output for momentary controls
• Signal received output for visual feedback
• Easy interface to standard receiver modules
• Works with universal TV remote transmitters
• High current drive outputs - up to 25 mA

Applications
• Basic home automation systems
• Remote smoke alarm test initiator
• Garage door controller
• Lamp controller




Similar Part No. - ELM339P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
INFRARED REMOTE CONTROL
More results


Similar Description - ELM339P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
(non-inverted data outputs with three-state outputs)
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
Three state outputs
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
Three state outputs
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
Three state outputs
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
Three independent outputs
logo
Alliance Semiconductor ...
AS62V256A ALSC-AS62V256A Datasheet
424Kb / 10P
Three?뭩tate outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com