Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41901 Datasheet (PDF) - Tyco Electronics

41901 Datasheet PDF - Tyco Electronics
Part # 41901
Download  41901 Download
File Size   297.16 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil

41901 Datasheet (PDF)

Go To PDF Page Download Datasheet
41901 Datasheet PDF - Tyco Electronics

Part # 41901
Download  41901 Click to download

File Size   297.16 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil

41901 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 41901

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4190 SCHURTER-4190 Datasheet
261Kb / 2P
Power Supply Cord with NEMA 1-5p Power (Mains) Plug polarized, 2-pole, Straight
logo
Heyco.
4190 HEYCO-4190 Datasheet
112Kb / 1P
Lockit™ Loops and Clips
4190 HEYCO-4190 Datasheet
112Kb / 1P
Lockit Loops and Clips
logo
Adafruit Industries
4190 ADAFRUIT-4190 Datasheet
882Kb / 2P
LED Illuminated Triangle Pushbutton A.K.A 1960s Sci-Fi Buttons - White
6-6-19
More results


Similar Description - 41901

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
Tyco Electronics
419EA MACOM-419EA Datasheet
216Kb / 3P
Rast 5 Power Relay
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
Rast 5 Power Relay 419 11 (EA/..)
9100 MACOM-9100 Datasheet
50Kb / 2P
Power Relay 1- and 2-pole, 3-12 FLA AC or DC Coil
T9C MACOM-T9C Datasheet
133Kb / 3P
Power Relay T9C AC coil
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
2-pole 5 mm SurfaceMount Relay
logo
Leach International Cor...
XA-A1F LEACH-XA-A1F Datasheet
536Kb / 5P
RELAY – NONLATCH 2PDT, 5 AMP, AC COIL
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com