Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

419EA Datasheet (PDF) - Tyco Electronics

419EA Datasheet PDF - Tyco Electronics
Part # 419EA
Download  419EA Download
File Size   216.41 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Rast 5 Power Relay

419EA Datasheet (PDF)

Go To PDF Page Download Datasheet
419EA Datasheet PDF - Tyco Electronics

Part # 419EA
Download  419EA Click to download

File Size   216.41 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Rast 5 Power Relay

419EA Datasheet (HTML) - Tyco Electronics




Similar Part No. - 419EA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
419 LITTELFUSE-419 Datasheet
65Kb / 2P
SURFACE MOUNT FUSES
logo
Mill-Max Mfg. Corp.
419 MILL-MAX-419 Datasheet
244Kb / 1P
SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
logo
Adafruit Industries
419 ADAFRUIT-419 Datasheet
125Kb / 1P
Membrane 3x4 Matrix Keypad extras 3x4
9-22-22
logo
Keystone Electronics Co...
419 KEYSTONE-419 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
419 WALTHER-419 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 419EA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91627-0001 MOLEX-91627-0001 Datasheet
114Kb / 2P
RAST Power
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
Rast 5 Power Relay 419 11 (EA/..)
41901 MACOM-41901 Datasheet
297Kb / 3P
Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
logo
Lumberg
3615-1 LUMBERG-3615-1 Datasheet
591Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628 LUMBERG-3628_18 Datasheet
356Kb / 4P
RAST 5 connectors, pitch 5.0 mm
3628-1 LUMBERG-3628-1_18 Datasheet
634Kb / 4P
RAST 5 connectors, pitch 5.0 mm
364399 LUMBERG-364399 Datasheet
525Kb / 3P
RAST 5 connectors, pitch 5.0 mm
367399 LUMBERG-367399 Datasheet
430Kb / 4P
RAST 5 connectors, pitch 5.0 mm
logo
Molex Electronics Ltd.
2166580200 MOLEX-2166580200 Datasheet
80Kb / 9P
RAST 5 Power Semi-Automatic IDC Machine
0622017500 MOLEX-0622017500 Datasheet
61Kb / 1P
Manual Arbor Press, RAST 5
08/25/2022
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com