Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD234 Datasheet (PDF) - ON Semiconductor

BD234 Datasheet PDF - ON Semiconductor
Part # BD234
Download  BD234 Download
File Size   68.89 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Medium Power Bipolar Transistors

BD234 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD234 Datasheet PDF - ON Semiconductor

Part # BD234
Download  BD234 Click to download

File Size   68.89 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Medium Power Bipolar Transistors

BD234 Datasheet (HTML) - ON Semiconductor


BD234 Product details

Plastic Medium Power Bipolar Transistors

Designed for use in 5.0 to 10 W audio amplifiers and drivers utilizing complementary or quasi complementary circuits.

Features
• DC Current Gain −  hFE = 40 (Min) @ IC = 0.15 Adc
• Epoxy Meets UL 94 V0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B; >8000 V   Machine Model, C; >400 V
• Pb−Free Packages are Available*




Similar Part No. - BD234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
37Kb / 4P
Medium Power Linear and Switching
logo
Savantic, Inc.
BD234 SAVANTIC-BD234 Datasheet
101Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD234 ISC-BD234 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
More results


Similar Description - BD234

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
BD237G ONSEMI-BD237G Datasheet
93Kb / 5P
Plastic Medium Power Bipolar Transistors
December, 2013 ??Rev. 17
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com