Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIO50-12BD Datasheet (PDF) - IXYS Corporation

FIO50-12BD Datasheet PDF - IXYS Corporation
Part # FIO50-12BD
Download  FIO50-12BD Download
File Size   82.19 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Bidirectional Switch with NPT3 IGBT and fast Diode Bridge

FIO50-12BD Datasheet (PDF)

Go To PDF Page Download Datasheet
FIO50-12BD Datasheet PDF - IXYS Corporation

Part # FIO50-12BD
Download  FIO50-12BD Click to download

File Size   82.19 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Bidirectional Switch with NPT3 IGBT and fast Diode Bridge

FIO50-12BD Datasheet (HTML) - IXYS Corporation


FIO50-12BD Product details

Bidirectional Switch with NPT3 IGBT and fast Diode Bridge in ISOPLUS i4-PACTM

Features
• NPT3 IGBT
    - low saturation voltage
    - positive temperature coefficient for easy paralleling
    - fast switching
    - short tail current for optimized performance in resonant circuits
• HiPerFREDTM diodes
    - fast reverse recovery
    - low operating forward voltage
    - low leakage current
• ISOPLUS i4-PACTM package
    - isolated back surface
    - low coupling capacity between pins and heatsink
    - enlarged creepage towards heatsink
    - application friendly pinout
    - low inductive current path
    - high reliability
    - industry standard outline
    - UL registered, E 72873

Applications
switches to control bidirectional current flow by a single control signal:
• matrix converters
• spare matrix converters
• AC controllers




Similar Part No. - FIO50-12BD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIO SCHURTER-FIO Datasheet
398Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 40 / IP 65
FIO SCHURTER-FIO Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
logo
AG Electronica
FIO-01 AGELECTRONICA-FIO-01 Datasheet
681Kb / 7P
ARDUINO FIO V3 COMPATIBLE CON XBEE OEM.
06/11/2018
logo
Schurter Inc.
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
More results


Similar Description - FIO50-12BD

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER60N120 IXYS-IXER60N120 Datasheet
54Kb / 2P
NPT3 IGBT
IXER35N120D1 IXYS-IXER35N120D1 Datasheet
52Kb / 2P
NPT3 IGBT with Diode
FID50-12BD IXYS-FID50-12BD Datasheet
68Kb / 2P
Bidirectional Switch with IGBT and fast Diode Bridge
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
NPT3 IGBT
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
NPT3 IGBT
IXEN60N120 IXYS-IXEN60N120_07 Datasheet
97Kb / 4P
NPT3 IGBT in miniBLOC package
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
NPT3 IGBT
IXER20N120 IXYS-IXER20N120 Datasheet
364Kb / 4P
NPT3 IGBT in ISOPLUS247
IXER35N120D1 IXYS-IXER35N120D1_06 Datasheet
243Kb / 4P
NPT3 IGBT with Diode in ISOPLUS247
IXER60N120 IXYS-IXER60N120_06 Datasheet
268Kb / 4P
NPT3 IGBT in ISOPLUS 247
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com