Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIO Datasheet (PDF) - Schurter Inc.

FIO Datasheet PDF - Schurter Inc.
Part # FIO
Download  FIO Download
File Size   398.21 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 40 / IP 65

FIO Datasheet (PDF)

Go To PDF Page Download Datasheet
FIO Datasheet PDF - Schurter Inc.

Part # FIO
Download  FIO Click to download

File Size   398.21 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 40 / IP 65

FIO Datasheet (HTML) - Schurter Inc.




Similar Part No. - FIO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIO SCHURTER-FIO Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
logo
AG Electronica
FIO-01 AGELECTRONICA-FIO-01 Datasheet
681Kb / 7P
ARDUINO FIO V3 COMPATIBLE CON XBEE OEM.
06/11/2018
logo
IXYS Corporation
FIO50-12BD IXYS-FIO50-12BD Datasheet
82Kb / 4P
Bidirectional Switch with NPT3 IGBT and fast Diode Bridge
logo
Schurter Inc.
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
More results


Similar Description - FIO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
FAF SCHURTER-FAF Datasheet
410Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, vertical, IP 40 / IP 54
FEF SCHURTER-FEF Datasheet
416Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FIZ SCHURTER-FIZ Datasheet
422Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, 4 W / 16 A, IP 40 / IP 67
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
FAF SCHURTER-FAF_18 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FAF SCHURTER-FAF_V02 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, vertical, IP 40 / IP 54
04.01.2022
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com