Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C56 Datasheet (PDF) - ON Semiconductor

CAT93C56 Datasheet PDF - ON Semiconductor
Part # CAT93C56
Download  CAT93C56 Download
File Size   178.56 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Kb Microwire Serial CMOS EEPROM

CAT93C56 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT93C56 Datasheet PDF - ON Semiconductor

Part # CAT93C56
Download  CAT93C56 Click to download

File Size   178.56 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Kb Microwire Serial CMOS EEPROM

CAT93C56 Datasheet (HTML) - ON Semiconductor


CAT93C56 Product details

Description
The CAT93C56/57 is a 2−kb CMOS Serial EEPROM device which is organized as either 128 registers of 16 bits (ORG pin at VCC) or 256 registers of 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin. The CAT93C56/57 features sequential read and self−timed internal write with auto−clear. On−chip Power−On Reset circuitry protects the internal logic against powering up in the wrong state.

Features
•High Speed Operation: 2 MHz
•1.8 V to 5.5 V Supply Voltage Range
•Selectable x8 or x16 Memory Organization
•Sequential Read
•Software Write Protection
•Power−up Inadvertant Write Protection
•Low Power CMOS Technology
•1,000,000 Program/Erase Cycles
•100 Year Data Retention
•Industrial and Extended Temperature Ranges
•8−pin PDIP, SOIC, TSSOP and 8−pad TDFN Packages
•These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - CAT93C56

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C56 CATALYST-CAT93C56 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56 Datasheet
374Kb / 18P
2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
155Kb / 17P
2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Similar Description - CAT93C56

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
4-Kb Microwire Serial CMOS EEPROM
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com