Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C66 Datasheet (PDF) - ON Semiconductor

CAT93C66 Datasheet PDF - ON Semiconductor
Part # CAT93C66
Download  CAT93C66 Download
File Size   438.71 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Kb Microwire Serial CMOS EEPROM

CAT93C66 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT93C66 Datasheet PDF - ON Semiconductor

Part # CAT93C66
Download  CAT93C66 Click to download

File Size   438.71 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Kb Microwire Serial CMOS EEPROM

CAT93C66 Datasheet (HTML) - ON Semiconductor


CAT93C66 Product details

Description
The CAT93C66 is a 4 kb CMOS Serial EEPROM device which is organized as either 256 registers of 16 bits (ORG pin at VCC) or 512 registers of 8 bits (ORG pin at GND). The CAT93W66 features x16 memory organization only. Each register can be written (or read) serially by using the DI (or DO) pin. The device features sequential read and self−timed internal write with auto−clear. On−chip Power−On Reset circuitry protects the internal logic against powering up in the wrong state.

Features
•High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V)
•1.8 V to 5.5 V Supply Voltage Range
•Selectable x8 or x16 Memory Organization: CAT93C66
•Self−timed Write Cycle with Auto−clear
•Sequential Read
•Software Write Protection
•Power−up Inadvertent Write Protection
•Low Power CMOS Technology
•1,000,000 Program/Erase Cycles
•100 Year Data Retention
•Industrial and Extended Temperature Ranges
•8−lead PDIP, SOIC, TSSOP, 6−lead SOT−23, 8−pad TDFN and UDFN Packages
•These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS Compliant




Similar Part No. - CAT93C66

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C66 CATALYST-CAT93C66 Datasheet
261Kb / 17P
4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOSEEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results


Similar Description - CAT93C66

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com