Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-138DL Datasheet (PDF) - Tyco Electronics

B-138DL Datasheet PDF - Tyco Electronics
Part # B-138DL
Download  B-138DL Download
File Size   104.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz

B-138DL Datasheet (PDF)

Go To PDF Page Download Datasheet
B-138DL Datasheet PDF - Tyco Electronics

Part # B-138DL
Download  B-138DL Click to download

File Size   104.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz

B-138DL Datasheet (HTML) - Tyco Electronics




Similar Part No. - B-138DL

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
B-138 TEC-B-138 Datasheet
697Kb / 2P
HARTMAN Power Switching AC Contactors
B-138BH TEC-B-138BH Datasheet
697Kb / 2P
HARTMAN Power Switching AC Contactors
logo
Tyco Electronics
B-138S MACOM-B-138S Datasheet
87Kb / 1P
B-138S 3PST N.O., 60 Amps,115/200 VAC, 300 to 600 Hz
logo
TE Connectivity Ltd
B-138S TEC-B-138S Datasheet
697Kb / 2P
HARTMAN Power Switching AC Contactors
logo
Tyco Electronics
B-138XAH MACOM-B-138XAH Datasheet
115Kb / 1P
B-138XAH 3PDT N.C., 60 Amps,200 VAC, 400 Hz
More results


Similar Description - B-138DL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-312CS MACOM-B-312CS Datasheet
51Kb / 1P
B-312CS 3PST N.O., 100 Amps,380 VAC, 50 Hz
B-429A-1 MACOM-B-429A-1 Datasheet
84Kb / 1P
B-429A-1 3PST N.O., 300 Amps,115/200 VAC, 400 Hz
B-429CA MACOM-B-429CA Datasheet
79Kb / 1P
B-429CA 3PST N.O., 350 Amps,120/208 VAC, 400 Hz
BH-125TH MACOM-BH-125TH Datasheet
59Kb / 1P
BH-125TH 3PST N.O., 250 Amps,208 VAC, 400 Hz
BH-201B MACOM-BH-201B Datasheet
49Kb / 1P
BH-201B 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
BP-353 MACOM-BP-353 Datasheet
58Kb / 1P
BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz
BP-494 MACOM-BP-494 Datasheet
58Kb / 1P
BP-494 3PST N.O., 275 Amps,115/200 VAC, 400 Hz
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
BR-301AY MACOM-BR-301AY Datasheet
65Kb / 1P
BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
D-100A MACOM-D-100A Datasheet
52Kb / 1P
D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com