Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP-353 Datasheet (PDF) - Tyco Electronics

BP-353 Datasheet PDF - Tyco Electronics
Part # BP-353
Download  BP-353 Download
File Size   58.74 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz

BP-353 Datasheet (PDF)

Go To PDF Page Download Datasheet
BP-353 Datasheet PDF - Tyco Electronics

Part # BP-353
Download  BP-353 Click to download

File Size   58.74 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz

BP-353 Datasheet (HTML) - Tyco Electronics




Similar Part No. - BP-353

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BP-003 ADAM-TECH-BP-003 Datasheet
57Kb / 1P
BANANA PLUG
logo
Omega Engineering, Inc.
BP-10 OMEGA-BP-10 Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
BP-10-SS OMEGA-BP-10-SS Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
logo
Ironwood Electronics.
BP-1005 IRONWOOD-BP-1005 Datasheet
19Kb / 1P
Backing Plate
BP-1006 IRONWOOD-BP-1006 Datasheet
16Kb / 1P
Backing Plate
More results


Similar Description - BP-353

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-138DL MACOM-B-138DL Datasheet
104Kb / 1P
B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz
B-138S MACOM-B-138S Datasheet
87Kb / 1P
B-138S 3PST N.O., 60 Amps,115/200 VAC, 300 to 600 Hz
B-429A-1 MACOM-B-429A-1 Datasheet
84Kb / 1P
B-429A-1 3PST N.O., 300 Amps,115/200 VAC, 400 Hz
BH-201B MACOM-BH-201B Datasheet
49Kb / 1P
BH-201B 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
BH-316A MACOM-BH-316A Datasheet
63Kb / 1P
BH-316A 3PST N.O., 50 Amps,28 VDC or 115 VAC, 400 Hz
BP-494 MACOM-BP-494 Datasheet
58Kb / 1P
BP-494 3PST N.O., 275 Amps,115/200 VAC, 400 Hz
BP-493-1 MACOM-BP-493-1 Datasheet
60Kb / 1P
BP-493-1 3PST, Magnetic Latch, 385 Amps, 115/200 VAC, 400 Hz
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
BR-301AY MACOM-BR-301AY Datasheet
65Kb / 1P
BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
D-100A MACOM-D-100A Datasheet
52Kb / 1P
D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com