Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5114 Datasheet (PDF) - ON Semiconductor

CAT5114 Datasheet PDF - ON Semiconductor
Part # CAT5114
Download  CAT5114 Download
File Size   297.89 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Tap Digitally Programmable Potentiometer (DPP??

CAT5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5114 Datasheet PDF - ON Semiconductor

Part # CAT5114
Download  CAT5114 Click to download

File Size   297.89 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Tap Digitally Programmable Potentiometer (DPP??

CAT5114 Datasheet (HTML) - ON Semiconductor


CAT5114 Product details

Description
The CAT5114 is a single digital POT designed as an electronic replacement for mechanical potentiometers and trim pots. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment.

Features
• 32-position Linear Taper Potentiometer
• Non-volatile EEPROM Wiper Storage
• Low Standby Current
• Single Supply Operation: 2.5 V − 6.0 V
• Increment Up/Down Serial Interface
• Resistance Values: 10 k, 50 k and 100 k
• Available in PDIP, SOIC, TSSOP, MSOP and Space Saving 2  3 mm TDFN Packages
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Automated Product Calibration
• Remote Control Adjustments
• Offset, Gain and Zero Control
• Tamper-proof Calibrations
• Contrast, Brightness and Volume Controls
• Motor Controls and Feedback Systems
• Programmable Analog Functions




Similar Part No. - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP)
CAT5114 CATALYST-CAT5114 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
More results


Similar Description - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP)
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com