Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5114 Datasheet (PDF) - Catalyst Semiconductor

CAT5114 Datasheet PDF - Catalyst Semiconductor
Part # CAT5114
Download  CAT5114 Download
File Size   41.75 Kbytes
Page   6 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32-Tap Digitally Programmable Potentiometer (DPP)

CAT5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT5114 Datasheet PDF - Catalyst Semiconductor

Part # CAT5114
Download  CAT5114 Click to download

File Size   41.75 Kbytes
Page   6 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32-Tap Digitally Programmable Potentiometer (DPP)

CAT5114 Datasheet (HTML) - Catalyst Semiconductor


CAT5114 Product details

DESCRIPTION
The CAT5114 is a single digitally programmable potentiometer (DPP) designed as a electronic replacement for mechanical potentiometers and trim pots. Ideal for automated adjustments on high volume production lines, they are also well suited for applications where equipment requiring periodic adjustment is either difficult to access or located in a hazardous or remote environment.

FEATURES
■ 32 Position Linear Taper Potentiometer
■ Nonvolatile Wiper Storage
■ Low Power CMOS Technology
■ Single Supply Operation: 2.5V-6.0V
■ Increment Up/Down Serial Interface
■ Resistance Values: 10K, 20K, 50K and 100K Ω
■ Available in PDIP, SOIC, TSSOP and MSOP packages

APPLICATIONS
■ Automated Product Calibration
■ Remote Control Adjustments
■ Offset, Gain and Zero Control Systems
■ Tamper-Proof Calibrations
■ Contrast, Brightness and Volume Controls
■ Motor Controls and Feedback Systems
■ Programmable Analog Functions




Similar Part No. - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
53Kb / 7P
32-Tap Digitally Programmable Potentiometer
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
More results


Similar Description - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com