Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-28 Datasheet (PDF) - Tyco Electronics

C-28 Datasheet PDF - Tyco Electronics
Part # C-28
Download  C-28 Download
File Size   43.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description C-28 2PST N.O.,25 Amps, 40 VDC

C-28 Datasheet (PDF)

Go To PDF Page Download Datasheet
C-28 Datasheet PDF - Tyco Electronics

Part # C-28
Download  C-28 Click to download

File Size   43.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description C-28 2PST N.O.,25 Amps, 40 VDC

C-28 Datasheet (HTML) - Tyco Electronics


C-28 Product details

C-28 2PST N.O., 25 Amps, 40 VDC

Features:
• 2PST N.O. Main Contacts
• Latching
• Manual and Electrical Reset
• 40 VDC
• 25 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction




Similar Part No. - C-28

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
C-28-0605 NEWHAVEN-C-28-0605 Datasheet
859Kb / 6P
Vacuum Fluorescent Character Display Module
C-28-0704 NEWHAVEN-C-28-0704 Datasheet
200Kb / 6P
Vacuum Fluorescent Character Display Module
logo
TE Connectivity Ltd
C-281934 TEC-C-281934 Datasheet
179Kb / 1P
SINGLE WIRE SEAL
logo
List of Unclassifed Man...
C-2820303 ETC2-C-2820303 Datasheet
191Kb / 1P
Cable Assy
logo
TE Connectivity Ltd
C-282079 TEC-C-282079 Datasheet
333Kb / 2P
AMP SUPERSEAL 1.5 SRS. 1 POSITION PLUG ASSY
More results


Similar Description - C-28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-701P-3 MACOM-A-701P-3 Datasheet
60Kb / 1P
A-701P-3 SPST N.O., 500 Amps, 28 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
A-701P-I SPST N.O., 400 Amps, 28 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
A-772XTB SPST N.O., 200 Amps, 28 VDC
A-792CA MACOM-A-792CA Datasheet
71Kb / 1P
A-792CA 2PST N.O., 600 Amps, 28 VDC
A-848KK MACOM-A-848KK Datasheet
57Kb / 1P
A-848KK 2PST N.O., 75 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-922F MACOM-A-922F Datasheet
61Kb / 1P
A-922F 2PST,600 Amps, 28 VDC
BR-329BC MACOM-BR-329BC Datasheet
79Kb / 1P
BR-329BC 2PST N.O., 60 Amps,115 VAC, 60 Hz
E-348 MACOM-E-348 Datasheet
69Kb / 1P
E-348 SPST N.O., .25 Amp, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com