Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-871F Datasheet (PDF) - Tyco Electronics

A-871F Datasheet PDF - Tyco Electronics
Part # A-871F
Download  A-871F Download
File Size   48.24 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC

A-871F Datasheet (PDF)

Go To PDF Page Download Datasheet
A-871F Datasheet PDF - Tyco Electronics

Part # A-871F
Download  A-871F Click to download

File Size   48.24 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC

A-871F Datasheet (HTML) - Tyco Electronics




Similar Part No. - A-871F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-8724-12C574 MOLEX-A-8724-12C574 Datasheet
32Kb / 2P
Obsolete
05/17/2011
logo
Tyco Electronics
A-874L MACOM-A-874L Datasheet
76Kb / 1P
A-874L 3PST, 335 Amps, 200 VAC, 400 Hz
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
More results


Similar Description - A-871F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-700AQ-4 MACOM-A-700AQ-4 Datasheet
77Kb / 1P
A-700AQ-4 SPST N.O., 200 Amps, 28 VDC, Cutout Reverse Current
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
A-772XTB SPST N.O., 200 Amps, 28 VDC
A-792CA MACOM-A-792CA Datasheet
71Kb / 1P
A-792CA 2PST N.O., 600 Amps, 28 VDC
A-848KK MACOM-A-848KK Datasheet
57Kb / 1P
A-848KK 2PST N.O., 75 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-931F MACOM-A-931F Datasheet
64Kb / 1P
A-931F SPST N.C., 600 Amps, 28 VDC
D-7AC MACOM-D-7AC Datasheet
94Kb / 1P
D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
D-7TD MACOM-D-7TD Datasheet
88Kb / 1P
D-7TD 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
DH-7KC-1 MACOM-DH-7KC-1 Datasheet
78Kb / 1P
DH-7KC-1 4PST 2 N.O. & 2 N.C.,50 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com