Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-876M Datasheet (PDF) - Tyco Electronics

A-876M Datasheet PDF - Tyco Electronics
Part # A-876M
Download  A-876M Download
File Size   39.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-876M SPDT N.C., 300 Amps, 28 VDC

A-876M Datasheet (PDF)

Go To PDF Page Download Datasheet
A-876M Datasheet PDF - Tyco Electronics

Part # A-876M
Download  A-876M Click to download

File Size   39.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-876M SPDT N.C., 300 Amps, 28 VDC

A-876M Datasheet (HTML) - Tyco Electronics




Similar Part No. - A-876M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
logo
Molex Electronics Ltd.
A-8724-12C574 MOLEX-A-8724-12C574 Datasheet
32Kb / 2P
Obsolete
05/17/2011
logo
Tyco Electronics
A-874L MACOM-A-874L Datasheet
76Kb / 1P
A-874L 3PST, 335 Amps, 200 VAC, 400 Hz
More results


Similar Description - A-876M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-417E MACOM-N-417E Datasheet
68Kb / 1P
SPDT, Double Break, 100 Amps, 28 VDC
AH-965H MACOM-AH-965H Datasheet
82Kb / 1P
300 Amps, 28 VDC DC Relays
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-885Y MACOM-A-885Y Datasheet
35Kb / 1P
A-885Y SPDT,100 Amps, 28 VDC
A-931F MACOM-A-931F Datasheet
64Kb / 1P
A-931F SPST N.C., 600 Amps, 28 VDC
A-981S MACOM-A-981S Datasheet
60Kb / 1P
A-981S SPDT,400 Amps, 28 VDC
E-308 MACOM-E-308 Datasheet
42Kb / 1P
E-308 SPDT, 3 Amps, 28 VDC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
E-312P SPDT, 5 Amps, 28 VDC
E-384 MACOM-E-384 Datasheet
40Kb / 1P
E-384 SPDT, 3 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com