Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-981S Datasheet (PDF) - Tyco Electronics

A-981S Datasheet PDF - Tyco Electronics
Part # A-981S
Download  A-981S Download
File Size   60.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-981S SPDT,400 Amps, 28 VDC

A-981S Datasheet (PDF)

Go To PDF Page Download Datasheet
A-981S Datasheet PDF - Tyco Electronics

Part # A-981S
Download  A-981S Click to download

File Size   60.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-981S SPDT,400 Amps, 28 VDC

A-981S Datasheet (HTML) - Tyco Electronics




Similar Part No. - A-981S

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A-903671 UNITEDAUTOMATION-A-903671 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903671-15 UNITEDAUTOMATION-A-903671-15 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903672 UNITEDAUTOMATION-A-903672 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903672-15 UNITEDAUTOMATION-A-903672-15 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
logo
Tyco Electronics
A-922F MACOM-A-922F Datasheet
61Kb / 1P
A-922F 2PST,600 Amps, 28 VDC
More results


Similar Description - A-981S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-417E MACOM-N-417E Datasheet
68Kb / 1P
SPDT, Double Break, 100 Amps, 28 VDC
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
A-400B MACOM-A-400B Datasheet
88Kb / 1P
A-400B SPST,400 Amps, 28 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
A-701P-I SPST N.O., 400 Amps, 28 VDC
A-703CD MACOM-A-703CD Datasheet
71Kb / 1P
A-703CD SPST, 400 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-885Y MACOM-A-885Y Datasheet
35Kb / 1P
A-885Y SPDT,100 Amps, 28 VDC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
E-312P SPDT, 5 Amps, 28 VDC
E-384 MACOM-E-384 Datasheet
40Kb / 1P
E-384 SPDT, 3 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com