Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-931F Datasheet (PDF) - Tyco Electronics

A-931F Datasheet PDF - Tyco Electronics
Part # A-931F
Download  A-931F Download
File Size   64.87 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-931F SPST N.C., 600 Amps, 28 VDC

A-931F Datasheet (PDF)

Go To PDF Page Download Datasheet
A-931F Datasheet PDF - Tyco Electronics

Part # A-931F
Download  A-931F Click to download

File Size   64.87 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description A-931F SPST N.C., 600 Amps, 28 VDC

A-931F Datasheet (HTML) - Tyco Electronics




Similar Part No. - A-931F

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A-903671 UNITEDAUTOMATION-A-903671 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903671-15 UNITEDAUTOMATION-A-903671-15 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903672 UNITEDAUTOMATION-A-903672 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A-903672-15 UNITEDAUTOMATION-A-903672-15 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
logo
Tyco Electronics
A-922F MACOM-A-922F Datasheet
61Kb / 1P
A-922F 2PST,600 Amps, 28 VDC
More results


Similar Description - A-931F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-757D MACOM-A-757D Datasheet
37Kb / 1P
A-757D SPST,600 Amps, 28 VDC
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
A-400B MACOM-A-400B Datasheet
88Kb / 1P
A-400B SPST,400 Amps, 28 VDC
A-702AAP MACOM-A-702AAP Datasheet
42Kb / 1P
A-702AAP SPST N.O., 600 Amps, 28 VDC, Cutout Reverse Current
A-703CD MACOM-A-703CD Datasheet
71Kb / 1P
A-703CD SPST, 400 Amps, 28 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
A-772XTB SPST N.O., 200 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-882 MACOM-A-882 Datasheet
35Kb / 1P
A-882 SPST, 1600 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com