Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-308 Datasheet (PDF) - Tyco Electronics

E-308 Datasheet PDF - Tyco Electronics
Part # E-308
Download  E-308 Download
File Size   42.77 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-308 SPDT, 3 Amps, 28 VDC

E-308 Datasheet (PDF)

Go To PDF Page Download Datasheet
E-308 Datasheet PDF - Tyco Electronics

Part # E-308
Download  E-308 Click to download

File Size   42.77 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-308 SPDT, 3 Amps, 28 VDC

E-308 Datasheet (HTML) - Tyco Electronics




Similar Part No. - E-308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-308AA MACOM-E-308AA Datasheet
44Kb / 1P
E-308AA SPDT, 7.5 Amps, 120 VDC
E-308AH MACOM-E-308AH Datasheet
55Kb / 1P
E-308AH 3PDT, 10 Amps, 115 VAC
More results


Similar Description - E-308

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-417E MACOM-N-417E Datasheet
68Kb / 1P
SPDT, Double Break, 100 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-885Y MACOM-A-885Y Datasheet
35Kb / 1P
A-885Y SPDT,100 Amps, 28 VDC
A-981S MACOM-A-981S Datasheet
60Kb / 1P
A-981S SPDT,400 Amps, 28 VDC
AVR-834 MACOM-AVR-834 Datasheet
58Kb / 1P
AVR-834 SPDT, 3 Amps, 28 VDC
E-55 MACOM-E-55 Datasheet
34Kb / 1P
E-55 4PDT,2 Amps, 28 VDC
E-308AA MACOM-E-308AA Datasheet
44Kb / 1P
E-308AA SPDT, 7.5 Amps, 120 VDC
E-311P MACOM-E-311P Datasheet
54Kb / 1P
E-311P 2PDT, 10 Amps, 28 VDC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
E-312P SPDT, 5 Amps, 28 VDC
E-384 MACOM-E-384 Datasheet
40Kb / 1P
E-384 SPDT, 3 Amps, 28 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com