Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet (PDF) - Freescale Semiconductor, Inc

68HC705BD7 Datasheet PDF - Freescale Semiconductor, Inc
Part # 68HC705BD7
Download  68HC705BD7 Download
File Size   680.85 Kbytes
Page   85 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description SPECIFICATION REV 2.0 (General Release)

68HC705BD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC705BD7 Datasheet PDF - Freescale Semiconductor, Inc

Part # 68HC705BD7
Download  68HC705BD7 Click to download

File Size   680.85 Kbytes
Page   85 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description SPECIFICATION REV 2.0 (General Release)

68HC705BD7 Datasheet (HTML) - Freescale Semiconductor, Inc


68HC705BD7 Product details

GENERAL DESCRIPTION
The MC68HC05BD7 HCMOS microcontroller is a member of the M68HC05 Family of lowcost single-chip microcontrollers. It is particularly suitable as multi-sync computer monitor controller. This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM, ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit ADC, and SYNC Processor.

Features
Hardware Features
• HC05 Core
• Low cost, HCMOS technology
• 40-pin DIP and 42-pin SDIP packages
• 256 Bytes of RAM for HC05BD2
• 384 Bytes of RAM for HC05BD7HC705BD7
• 5.75K-Bytes of User ROM for HC05BD2
• 11.75K-Bytes of User ROM for HC05BD7
• 11.5K-Bytes of User EPROM for HC705BD7
• 26 Bidirectional I/O lines: 14 dedicated and 12 multiplexed I/O lines. 4 of the 14 dedicated I/O lines and 6 of the 12 multiplexed I/O lines have max. +12V or +5V open-drain output buffers
• 16 x 8-bit PWM channels: Two 8-bit PWM channels have +12V opendrain outputs: 8 dedicated 8-bit PWM channels have +5V open-drain output options
• 6-bit ADC with 4 selectable input channels
• Multi-Function Timer (MFT) with Periodic Interrupt
• Sync Signal Processor module for processing horizontal, vertical, composite, and SOG SYNC signals; frequency counting; polarity detection; polarity controlled HSYNO and VSYNO or extracted VSYNC outputs, and CLAMP pulse output
• DDC12AB† module contains DDC1 hardware and multi-master I2C†† hardware for DDC2AB protocol
• Software maskable Edge-Sensitive or Edge and Level-Sensitive External Interrupt
• COP watchdog Reset
• Power-On Reset
• Power Saving WAIT Mode; STOP Mode not implemented

Software Features
• Similar to MC6800
• 8 X 8 unsigned multiply instruction
• Efficient use of program space
• Versatile interrupt handling
• Software programmable external interrupt options
• True bit manipulation
• Addressing modes with indexed addressing for tables
• Efficient instruction set
• Memory mapped I/O
• Upward software compatible with the MC146805 CMOS family




Similar Part No. - 68HC705BD7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
68HC705BD7 NXP-68HC705BD7 Datasheet
963Kb / 85P
This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM,ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit ADC, and SYNC Processor
January 20, 1998 REV 2.0
More results


Similar Description - 68HC705BD7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com