Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  68HC705BD7 Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Page iii
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
9.3.6
DDC Data Receive Register (DDRR)..................................44
9.4
Data Sequence .........................................................................45
9.5
Program Algorithm....................................................................45
SECTION 10
SYNC PROCESSOR...................................................... 49
10.1
Introduction ...............................................................................49
10.2
Functional Blocks......................................................................49
10.2.1
Polarity Detection ................................................................49
10.2.2
Sync Signal Counters..........................................................49
10.2.3
Polarity Controlled HSYNO/VSYNO Outputs ......................49
10.2.4
CLAMP Pulse Output ..........................................................50
10.3
Registers...................................................................................51
10.3.1
Sync Processor Control and Status Register (SPCSR) ......51
10.3.2
Sync Processor Input/Output Control Register (SPIOCR) ..52
10.3.3
Vertical Frequency Registers (VFRs)..................................53
10.3.4
Hsync Frequency Registers (HFRs)....................................54
10.4
System Operation .....................................................................54
SECTION 11
MULTI-FUNCTION TIMER............................................. 57
11.1
Introduction ...............................................................................57
11.2
Register ....................................................................................57
11.2.1
Multi-function Timer Control/status Register .......................57
11.2.2
MFT Timer Counter Register...............................................59
SECTION 12
A/D CONVERTER.......................................................... 61
12.1
Introduction ...............................................................................61
12.2
Input..........................................................................................61
12.2.1
ADC0-ADC3 ........................................................................61
12.3
Registers...................................................................................62
12.3.1
ADC Control/status Register ...............................................62
12.3.2
ADC Channel Register ........................................................62
12.4
Program Example .....................................................................63
SECTION 13
ELECTRICAL SPECIFICATIONS.................................. 65
13.1
Maximum Ratings .....................................................................65
13.2
Thermal Characteristics............................................................65
13.3
DC Electrical Characteristics ....................................................66
13.4
Control Timing ..........................................................................67
13.5
DDC12AB TIMING....................................................................68
13.5.1
DDC12AB Interface Input Signal Timing .............................68
13.5.2
DDC12AB Interface Output Signal Timing ..........................68
13.6
HSYNC/VSYNC Input Timing ...................................................69
SECTION 14
MECHANICAL SPECIFICATIONS ................................ 71
14.1
Introduction ...............................................................................71
14.2
40-Pin DIP Package (Case 711-03) .........................................71
14.3
42-Pin SDIP Package (Case 858-01) .......................................71
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com