Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
SECTION 11: MULTI-FUNCTION TIMER
Page 59
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
Table 11-1: COP Reset Rates and RTI Rates
11.2.2
MFT Timer Counter Register
This 8-bit free-running counter register, MFTCR, can be read at location $0009. It is cleared
by reset.
RT1
RT0
Min. COP Reset Period @ 2 MHz E Clock
00
01
10
11
64.512 ms
129.024 ms
258.048 ms
516.096 ms
RTI Period @ 2 MHz
1.024 ms
2.048 ms
4.096 ms
8.192 ms
0
7
0000000
6543210
W
R
MFTCR
$0009
reset
⇒
MFTCR7
MFTCR6
MFTCR5
MFTCR4
MFTCR3
MFTCR1
MFTCR0
MFTCR2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com