Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
SECTION 8: PULSE WIDTH MODULATION
Page 38
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
Figure 8-2: Relationship Between 5-Bit PWM and 3-Bit BRM
8.2
Open-Drain Option Register
This PWM Open-Drain option Register contains 8 bits which are programmed to change
the output drive of individual PWM channel from channel 0 to channel 7 to be open-drain
type. This register is located at $0012
Figure 8-3: PWM Open-Drain Option Register
When any bit in this register is one, the corresponding PWM channel output becomes +5V
open-drain type. When the bit is zero, the corresponding PWM channel has push-pull
output. All eight bits are clear upon reset.
32 T
M = $00
M = $01
M = $0F
M = $1F
Narrow pulse possibly inserted
by the BRM
T = 1 MCU Clock Period (0.5
µs if MCU clock = 2 MHz)
PWM cycles in which narrow pulses are
inserted in an 8-cycle frame
4
2, 6
1, 3, 5, 7
XX1
X1X
1XX
N
6PWMO
4PWMO
7PWMO
0
7
1PWMO
2PWMO
3PWMO
0000000
6543210
5PWMO
W
R
PWMOR
$12
reset
⇒
0PWMO
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com