Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
SECTION 12: A/D CONVERTER
Page 62
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
12.3
Registers
12.3.1
ADC Control/status Register
This read/write register, located at address $14, contains six control bits and one status bit.
RESULT - Comparator Status Bit (Read Only)
When set, D/A output
≥ ANALOG IN.
When clear, D/A output
≥ ANALOG IN.
AD5:0 - A/D Digital Result
These bits are written by the user to perform successive
approximations in software. When a value causes the
RESULT bit to change state from the value immediately
before or after it, AD5:0 are considered to be the digital
equivalent of the analog input. Note that when AD5:0 are all
1’s,
ADC
is
virtually
turned
off
to
minimize
power
consumption.
12.3.2
ADC Channel Register
The ADC Channel Register, located at address $15 contains only two bits.
CHSL1:CHSL0 - Channel select bits
These two bit will select one of the four ADC input channels
as
analog
input
source.
Following
table
shows
its
configuration.
CHSL1:CHSL0 = 0 : 0 ==> ADC0
CHSL1:CHSL0 = 0 : 1 ==> ADC1
CHSL1:CHSL0 = 1 : 0 ==> ADC2
CHSL1:CHSL0 = 1 : 1 ==> ADC3
0
7
0000000
6543210
W
R
ADCSR
$0014
reset
⇒
RESULT
AD5
AD4
AD3
AD2
AD1
AD0
0
7
0000000
6543210
W
R
ADCCR
$0015
reset
⇒
CHSL1
CHSL0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com