Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 1
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 1
GENERAL DESCRIPTION
The MC68HC05BD7 HCMOS microcontroller is a member of the M68HC05 Family of low-
cost single-chip microcontrollers. It is particularly suitable as multi-sync computer monitor
controller. This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM,
ROM, DDC12AB module, parallel I/O, Pulse Width Modulator, Multi-Function Timer, 6-bit
ADC, and SYNC Processor.
1.1
Features
1.1.1
Hardware Features
•
HC05 Core
•
Low cost, HCMOS technology
•
40-pin DIP and 42-pin SDIP packages
•
256 Bytes of RAM for HC05BD2
•
384 Bytes of RAM for HC05BD7HC705BD7
•
5.75K-Bytes of User ROM for HC05BD2
•
11.75K-Bytes of User ROM for HC05BD7
•
11.5K-Bytes of User EPROM for HC705BD7
•
26 Bidirectional I/O lines: 14 dedicated and 12 multiplexed I/O lines. 4 of
the 14 dedicated I/O lines and 6 of the 12 multiplexed I/O lines have max.
+12V or +5V open-drain output buffers
•
16 x 8-bit PWM channels: Two 8-bit PWM channels have +12V open-
drain outputs: 8 dedicated 8-bit PWM channels have +5V open-drain
output options
•
6-bit ADC with 4 selectable input channels
•
Multi-Function Timer (MFT) with Periodic Interrupt
•
Sync Signal Processor module for processing horizontal, vertical,
composite, and SOG SYNC signals; frequency counting; polarity
detection; polarity controlled HSYNO and VSYNO or extracted VSYNC
outputs, and CLAMP pulse output
•
DDC12AB† module contains DDC1 hardware and multi-master I2C††
hardware for DDC2AB protocol
•
Software maskable Edge-Sensitive or Edge and Level-Sensitive External
Interrupt
†DDC is a standard defined by VESA.
††I2C-bus is a proprietary Philips interface bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com