Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705BD7 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 68HC705BD7
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705BD7 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 68HC705BD7 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705BD7 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
SECTION 6: OPERATING MODES
Page 30
GENERAL RELEASE SPECIFICATION
MC68HC05BD7 Rev. 2.0
Table 6-1: Mode Select Summary
Figure 6-1: Mode Entry Diagram
6.5
EPROM Programming
The 11.5K bytes of USER EPROM is positioned at $1000 through $3DFF with the vector
space from $3FF0 to $3FFF. The erased state of EPROM is read as $FF and EPROM
power is supplied from VPP and VDD pins.
The Programming Control Register (PCR) is provided for the EPROM programming. The
function of EPROM depends on the device operating mode.
In the User Mode, ELAT and PGM bits in the PCR are available for the user read/write and
the remaining test bits become read only bits.
Please contact Motorola for Programming boards availability.
6.5.1
Programming Sequence
The EPROM programming is as follows:
- Set the ELAT bit
- Write the data to the address to be programmed
- Set the PGM bit
- Delay for the appropriate amount of time
- Clear the PGM and the ELAT bit
The last item may be done on a single CPU write. It is important to remember that an
external programming voltage must be applied to the VPP pin while programming, but it
should remain between VDD and VSS during normal operation.
MODE
RESET
IRQ
PB5
USER MODE
SELF CHECK/BOOTSTRAP
L or H
VTST
X
H
VTST = 1.8 x VDD
VTST = 1.8 x VDD
H = VDD
L = VSS
H
L
VTST
H
L
H
L
RESET
IRQ
PB5
Single
Chip Mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com