Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DH-16CH Datasheet (PDF) - Tyco Electronics

DH-16CH Datasheet PDF - Tyco Electronics
Part # DH-16CH
Download  DH-16CH Download
File Size   43.17 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DH-16CH SPST, Latching,131 Amps, 31 VDC

DH-16CH Datasheet (PDF)

Go To PDF Page Download Datasheet
DH-16CH Datasheet PDF - Tyco Electronics

Part # DH-16CH
Download  DH-16CH Click to download

File Size   43.17 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DH-16CH SPST, Latching,131 Amps, 31 VDC

DH-16CH Datasheet (HTML) - Tyco Electronics




Similar Part No. - DH-16CH

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
DH-1-043 MULTICOMP-DH-1-043 Datasheet
137Kb / 1P
Slidelock Hardware - Kit
07/09/12 V1.0
DH-1-045 MULTICOMP-DH-1-045 Datasheet
371Kb / 1P
Lock Post Set
29/01/13 V1.0
logo
Omega Engineering, Inc.
DH-1-14-100 OMEGA-DH-1-14-100 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
DH-1-20-100 OMEGA-DH-1-20-100 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
DH-1-24-100 OMEGA-DH-1-24-100 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
More results


Similar Description - DH-16CH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-757D MACOM-A-757D Datasheet
37Kb / 1P
A-757D SPST,600 Amps, 28 VDC
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
A-400B MACOM-A-400B Datasheet
88Kb / 1P
A-400B SPST,400 Amps, 28 VDC
A-703CD MACOM-A-703CD Datasheet
71Kb / 1P
A-703CD SPST, 400 Amps, 28 VDC
A-754JD MACOM-A-754JD Datasheet
67Kb / 1P
A-754JD SPST N.O., 150 Amps, 120 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
A-770 SPST N.O., 300 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
A-772XTB SPST N.O., 200 Amps, 28 VDC
A-882 MACOM-A-882 Datasheet
35Kb / 1P
A-882 SPST, 1600 Amps, 28 VDC
AH-703F MACOM-AH-703F Datasheet
35Kb / 1P
AH-703F SPST, 400 Amps, 28 VDC
AV-875 MACOM-AV-875 Datasheet
32Kb / 1P
AV-875 SPST N.O.,60 Amps, 270 VDC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com