Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP200AAAXC Datasheet (PDF) - Tyco Electronics

CAP200AAAXC Datasheet PDF - Tyco Electronics
Part # CAP200AAAXC
Download  CAP200AAAXC Download
File Size   109.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC

CAP200AAAXC Datasheet (PDF)

Go To PDF Page Download Datasheet
CAP200AAAXC Datasheet PDF - Tyco Electronics

Part # CAP200AAAXC
Download  CAP200AAAXC Click to download

File Size   109.3 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC

CAP200AAAXC Datasheet (HTML) - Tyco Electronics




Similar Part No. - CAP200AAAXC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
logo
Power Integrations, Inc...
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
More results


Similar Description - CAP200AAAXC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
KILOVAC-LEV100 MACOM-KILOVAC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
EV100 TEC-EV100 Datasheet
262Kb / 2P
KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
EV200 TEC-EV200 Datasheet
297Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com