Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP200AAAXC Datasheet(PDF) 1 Page - Tyco Electronics

Part # CAP200AAAXC
Description  CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CAP200AAAXC Datasheet(HTML) 1 Page - Tyco Electronics

  CAP200AAAXC Datasheet HTML 1Page - Tyco Electronics CAP200AAAXC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Catalog 1654770
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 6-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
KILOVAC, AMP, LOUVERTAC and TYCO are trademarks.
Other products and company names mentioned herein may be trademarks of their
respective owners.
Product Facts
s Designed to be the smallest,
lightest weight, lowest cost
sealed contactor in the industry
with its current rating.
s Built-in coil economizer – only
1.7W hold power @ 12VDC and
it limits back EMF to 0V.
(models requiring extenal
economizer also available).
s Optional auxiliary contact for
easy monitoring of power
contact postion.
s Hermetically sealed –
intrinsically safe, operates in
explosive/harsh environments
with no oxidation or
contamination of coils or
contacts, including long periods
of non-operation.
s Versatile coil and power
connections.
s UL Recognized for the U.S. and
Canada (File E208033).
s CE marked for EC applications.
s AIAG QS9000 designed, built
and approved
Performance Data
Parameter
Units
Value for CAP200 Series
Contact Arrangement, power contacts
1 Form A (SPST-NO)
Rated Operating Voltage
VDC
12 - 900
Continuous (Carry) Current, Typical
A
500 @ 85°C, 400 mcm conductors
Consult Factory for required conductors for higher currents
Make/Break Current at Various Voltages
1/
A
See next page
Break Current at 320VDC
1/
A
2,000, 1 cycle
3/
Contact Resistance, Typ. (@200A)
mohms 0.2
Load Life
Cycles
See next page
Mechanical Life
Cycles
1 million
Contact Arrangement, auxiliary contacts
1 Form A (SPST-NO)
Aux. Contact Current, Max.
A
2A @ 30VDC / 3A @ 125VAC
Aux. Contact Current, Min.
mA
100mA @ 8V
Aux. Contact Resistance, Max.
ohms
0.417@ 30VDC / .150 @ 125VAC
Dielectric Withstanding Voltage
Vrms
2,200 @ sea level
Insulation Resistance @ 500VDC
megohms 100
2/
Shock, 11ms 1/2 sine, peak, operating
G
20
Vibration, sine, 80-2000Hz., peak
G
20
Operating Temperature
°C
-40 to +85
Weight, Nominal
lb.(kg)
.95 (.43)
1/ Main power contacts
2/ 50 at end of life
3/ Does not meet dielectric & IR after test, 1700 amp for unit with Aux. Contacts
4/ Use with AMP LOUVERTAC 5-192013-9. Consult factory for threaded mount socket.
Part Numbering System
Typical Part Number
CAP200
A
A
A
N
A
Series:
CAP200 = 500 Amp, 12-900VDC Contactor
Contact Form:
A = Normally Open
H = Normally Open with Aux. Contacts
Coil Voltage:
A = 9-36VDC (1 = requires external coil economizer)
D = 32-95VDC (2 = requires external coil economizer)
J = 48-95VDC (3 = requires external coil economizer)
Coil Wire Length:
A = 15.3 in (390 mm)
B = 6.0 in (152 mm)
Coil Terminal Connector:
N = None
E = 9-pin subminiature “D” plug mounted on contactor housing
F = 9-pin subminiature “D” plug mounted on 15.3 in (390 mm) flying leads.
X = Special configuration (consult factory)
Mounting & Power Terminals:
A = Bottom Mount & Male 10mm x 8 Terminals
C = Plug-in Terminals
4/
Coil Operating Voltage (valid over temperature range)
Voltage (will operate)
9-36VDC
32-95VDC
48-95VDC
Voltage (Max.)
36VDC
95VDC
95VDC
Pickup (close) Voltage Max.
9VDC
32VDC
48VDC
Hold Voltage (Min.)
7.5VDC
22VDC
34VDC
Dropout (open) Voltage (Min.)
6VDC
18VDC
27VDC
Inrush Current (Max.)
3.8A
1.3A
0.7A
Holding Current (Avg.)
0.13A@12V, 0.07A@24V 0.03A@48V 0.02A@72V
Inrush Time (Max.)
130ms
130ms
130ms
For factory-direct application assistance, dial
800-253-4560, ext. 2053, or 805-220-2053.
CAP200 Series Contactor With 1 Form A (SPST-NO)
Contacts Rated up to 500 Amps, 12-900VDC


Similar Part No. - CAP200AAAXC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
logo
Power Integrations, Inc...
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
More results

Similar Description - CAP200AAAXC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EV200 MACOM-EV200 Datasheet
255Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
KILOVAC-LEV100 MACOM-KILOVAC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
with 1 form X contacts rated 100A continuous
EV100 TEC-EV100 Datasheet
262Kb / 2P
KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
EV200 TEC-EV200 Datasheet
297Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Standex Electronics, In...
4305180075 STANDEX-4305180075 Datasheet
125Kb / 1P
REED RELAY 1 FORM A SPST-NO, 5V SIL
Version: 04
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com