Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1426 Datasheet (PDF) - ON Semiconductor

CM1426 Datasheet PDF - ON Semiconductor
Part # CM1426
Download  CM1426 Download
File Size   682.05 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1426 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1426 Datasheet PDF - ON Semiconductor

Part # CM1426
Download  CM1426 Click to download

File Size   682.05 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1426 Datasheet (HTML) - ON Semiconductor


CM1426 Product details

Product Description

The CM1426 is a family of pi-style EMI filter arrays with ESD protection, which integrates four, six and eight filters (C-R-C) in a Chip Scale Package with 0.50mm pad pitch. The CM1426 has component values of 8.5pF-100Ω-8.5pF per channel. The CM1426 has a cut-off frequency of 230MHz and can be used in applications where the data rates are as high as 92Mbps. The parts include avalanche-type ESD diodes on every pin that provide a very high level of protection for sensitive electronic components against possible ESD strikes. The ESD protection diodes safely dissipate ESD strikes of ±8kV, well beyond the maximum requirement of the IEC61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than ±15kV.



Features

• Four, six and eight channels of EMI filtering with integrated ESD protection

• 0.5mm pitch, 10-bump, 1.96mm x 1.33mm footprint Chip Scale Package (CM1426-04)

• 0.5mm pitch, 15-bump, 2.96mm x 1.33mm footprint Chip Scale Package (CM1426-06)

• 0.5mm pitch, 20-bump, 3.96mm x 1.33mm footprint Chip Scale Package (CM1426-08)

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• ±8kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ±15kV ESD protection on each channel (HBM)

• Greater than 20dB attenuation (typical) at 1 GHz

• OptiGuard coated for improved reliability at assembly

• RoHS-compliant, lead-free packaging



Applications

• LCD and camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1426

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1426-04CP CALMIRCO-CM1426-04CP Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1426-04CS CALMIRCO-CM1426-04CS Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1426-06CP CALMIRCO-CM1426-06CP Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1426-06CS CALMIRCO-CM1426-06CS Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
More results


Similar Description - CM1426

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com