Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1481 Datasheet (PDF) - ON Semiconductor

CM1481 Datasheet PDF - ON Semiconductor
Part # CM1481
Download  CM1481 Download
File Size   238.19 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Channel EMI Filter with ESD Protection for Headsets/Speakers

CM1481 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1481 Datasheet PDF - ON Semiconductor

Part # CM1481
Download  CM1481 Click to download

File Size   238.19 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-Channel EMI Filter with ESD Protection for Headsets/Speakers

CM1481 Datasheet (HTML) - ON Semiconductor


CM1481 Product details

Features

• Two channels of EMI filtering

• Pi-style filters in a capacitor-resistor-capacitor (C-R-C) network

• ±8kV ESD protection (IEC 61000-4-2, contact discharge)

• ±15kV ESD protection (HBM)

• Supports AC signals - ideal for audio applications

• Greater than 40dB of attenuation at 1GHz

• 8-lead, 2.00mm x 2.00mm footprint TDFN Package

• Low profile maximum height of 0.8mm

• RoHS-compliant, lead-free finishing



Applications

• Headset speaker port in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.



 




Similar Part No. - CM1481

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1481 CML-CM1481 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
Non-Predictive Selcall Module
logo
Visual Communications C...
CM1481 VCC-CM1481 Datasheet
26Kb / 1P
Bayonet Base, Screw Base
More results


Similar Description - CM1481

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMI255A-HS3 VISHAY-VEMI255A-HS3 Datasheet
441Kb / 7P
2-channel EMI Filter with ESD-Protection
15-Aug-05
logo
Sanyo Semicon Device
VF001S6 SANYO-VF001S6 Datasheet
256Kb / 3P
2 Channel EMI Filter with ESD Protection
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1682 ONSEMI-CM1682 Datasheet
266Kb / 8P
2 Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
CM1683 ONSEMI-CM1683 Datasheet
164Kb / 8P
Praetorian L-C EMI Filter with ESD Protectionfor Headsets/Speakers
May 2010 ??Rev. 2
logo
Vishay Siliconix
VEMI255A-HS3 VISHAY-VEMI255A-HS3_09 Datasheet
142Kb / 6P
2-Channel EMI-Filter with ESD-Protection
14-Sep-09
logo
ON Semiconductor
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
CM1681 ONSEMI-CM1681 Datasheet
324Kb / 4P
2 Channel EMI Filter with ESD Protection
April, 2011 ??Rev. 3
logo
Vishay Siliconix
VEMI255A-HS3 VISHAY-VEMI255A-HS3_V01 Datasheet
144Kb / 6P
2-Channel EMI-Filter with ESD-Protection
14-Sep-09
VEMI256A-SD2 VISHAY-VEMI256A-SD2 Datasheet
140Kb / 6P
2-Channel EMI-Filter with ESD-Protection
15-Nov-2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com