Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1683 Datasheet (PDF) - ON Semiconductor

CM1683 Datasheet PDF - ON Semiconductor
Part # CM1683
Download  CM1683 Download
File Size   164.46 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian L-C EMI Filter with ESD Protectionfor Headsets/Speakers

CM1683 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1683 Datasheet PDF - ON Semiconductor

Part # CM1683
Download  CM1683 Click to download

File Size   164.46 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Praetorian L-C EMI Filter with ESD Protectionfor Headsets/Speakers

CM1683 Datasheet (HTML) - ON Semiconductor


CM1683 Product details

Product Description
The CM1683 is an L-C EMI filter array with ESD protection, which integrates two Pi-filters (C-L-C) for the headset speaker. The CM1683 has component values of 100pF-3nH-100pF. The parts include ESD protection diodes on all input/output pins, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The ESD diodes connected to the filter ports safely dissipate ESD strikes of ±8kV, beyond the maximum requirement of the IEC61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than ±15kV.

Features
• Two channels of EMI filtering
• ±8kV ESD protection (IEC 61000-4-2, contact discharge)
• ±15kV ESD protection (HBM)
• Greater than -40dB of attenuation at 1GHz
• 8-lead, 2.00mm x 2.00mm, 0.5mm pitch uDFN package
• RoHS-compliant, lead-free finishing

Applications
• Headset Speaker port in mobile handsets
• I/O port protection for mobile handsets, notebook computers, PDAs, etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers




Similar Part No. - CM1683

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1683 CML-CM1683 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1683 VCC-CM1683 Datasheet
32Kb / 1P
Single Contact Bayonet Base
More results


Similar Description - CM1683

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1418 CALMIRCO-CM1418 Datasheet
294Kb / 8P
Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1481 ONSEMI-CM1481 Datasheet
238Kb / 8P
2-Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1682 ONSEMI-CM1682 Datasheet
266Kb / 8P
2 Channel EMI Filter with ESD Protection for Headsets/Speakers
May 2010 ??Rev. 2
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com