Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC375 Datasheet (PDF) - Freescale Semiconductor, Inc

MC44BC375 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC44BC375
Download  MC44BC375 Download
File Size   558.59 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned VHF Audio/Video High Integration Modulator ICs

MC44BC375 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44BC375 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC44BC375
Download  MC44BC375 Click to download

File Size   558.59 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned VHF Audio/Video High Integration Modulator ICs

MC44BC375 Datasheet (HTML) - Freescale Semiconductor, Inc


MC44BC375 Product details

Features
Channels are selectable using pin Channel Selection (CHS) and tuned by a PLL. They do not require any external tank circuit components thus reducing the sensitivity of the PCB design and the need for external adjustments. The PLL obtains its reference from a 4MHz crystal oscillator.
The sound subcarrier is also generated on-chip without external components. The 4.5MHz or 5.5MHz Sound frequency is selectable using pin Sound Frequency Selection (SFS). The Picture to Sound subcarrier ratio is also selectable by pin Picture to Sound selection (PSS) to either 14dB or 16dB. A Power Save function is selectable via pin Psave/LO which turns off all internal VCOs and mixers and simultaneously switches ON the Logic Output Port (LOP). No external Varicap Diodes/ Inductor nor other tuned components are needed.

The MC44BC375/U/J/T also has the following features:
• Channel selected by CHS pin
• Integrated On-Chip Oscillator - No external tank circuit
• Extremely Low External Components Count
• Adjustable Video Modulation Depth (85% w/o adjustment)
• Peak White Clip
• Programmable Picture/Sound Carrier Ratio (14dB & 16dB) selected by PSS pin
• Integrated On-chip Programmable Sound Subcarrier Oscillator (4.5 & 5.5MHz selected by SFS pin) No external varicaps
• Modulator Standby Mode selected by Psave/LO pin
• Transient Output Inhibit During PLL Lock-up at Power-on
• Logic Output Port selected by Psave/LO pin (Antenna Switch Driver)
• Extremely Robust ESD protection, Minimum 4kV, typical 6kV.
• Available in 80 dBuV RF output level (MC44BC375UA).




Similar Part No. - MC44BC375

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Motorola, Inc
MC44BC375J MOTOROLA-MC44BC375J Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375J NXP-MC44BC375J Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Motorola, Inc
MC44BC375JD MOTOROLA-MC44BC375JD Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
More results


Similar Description - MC44BC375

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com