Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BC375U Datasheet (PDF) - Freescale Semiconductor, Inc

MC44BC375U Datasheet PDF - Freescale Semiconductor, Inc
Part # MC44BC375U
Download  MC44BC375U Download
File Size   617.99 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator

MC44BC375U Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44BC375U Datasheet PDF - Freescale Semiconductor, Inc

Part # MC44BC375U
Download  MC44BC375U Click to download

File Size   617.99 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator

MC44BC375U Datasheet (HTML) - Freescale Semiconductor, Inc


MC44BC375U Product details

PLL Tuned VHF (Channel 3 / 4) Audio / Video Modulator

The MC44BC375U and MC44BC375UA are audio/video RF modulators for use in VCRs, set-top boxes, and similar devices. They are designed for applications requiring National Television System Committee, NTSC, channel 3 or channel 4, RF outputs. The difference between the two modulators is the RF output power level. The nominal RFOUT level for the MC44BC375U is 76 dBµV (typical) and the RFOUT level for the MC44BC375UA is 80 dBµV (typical).

Features
• Two RF output power levels offered:
    • MC44BC375U has typical RFOUT power of 76 dBµV
    • MC44BC375UA has typical RFOUT power of 80 dBµV
• U.S. broadcast frequency for Channel 3 or 4 operation is selected by CHS pin
• Programmable VHF oscillator and sound subcarrier oscillator. No external varicaps, diodes/inductors, or tuned components required.
• Programmable Picture/Sound Carrier Ratio (14 dB or 16 dB) is selected by PSS pin
• Programmable Sound Subcarrier Oscillator (4.5 or 5.5 MHz) is selected by SFS pin)
• Peak White Clip
• Low-power standby mode is selected by the Psave/LO pin
• Logic Output Port is selected by Psave/LO pin (Antenna Switch Driver)
• Transient output inhibit during PLL Lock-up at power-ON
• Available in Pb-free, RoHS compliant, narrow body SOIC 16 package
• Also available, for a limited time, in the standard Pb package with the D suffix




Similar Part No. - MC44BC375U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375U MOTOROLA-MC44BC375U Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC375U FREESCALE-MC44BC375U Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375U NXP-MC44BC375U Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
MC44BC375U/J/T NXP-MC44BC375U/J/T Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
More results


Similar Description - MC44BC375U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com