Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1631 Datasheet (PDF) - ON Semiconductor

CM1631 Datasheet PDF - ON Semiconductor
Part # CM1631
Download  CM1631 Download
File Size   929.49 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1631 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1631 Datasheet PDF - ON Semiconductor

Part # CM1631
Download  CM1631 Click to download

File Size   929.49 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD and Camera EMI Filter Array with ESD Protection

CM1631 Datasheet (HTML) - ON Semiconductor


CM1631 Product details

Product Description
The CM1631 is a family of pi-style EMI filter arrays with ESD protection, which integrates four, six, or eight filters (C-R-C) in a small form factor, uDFN 0.40mm pitch package. The CM1631 has component values of 15pF-100W-15pF per channel with a cut-off frequency of 120MHz, and can be used in applications with data rates up to 48Mbps. The device includes ESD diodes on every pin, that provide a very high level of protection for sensitive electronic components against possible electrostatic discharge (ESD). The ESD protection diodes safely dissipate ESD strikes of ±15kV, which is well beyond the maximum requirement of the IEC61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges greater than ±30kV.

Features
• Four, six and eight channels of EMI filtering with integrated ESD protection
• Pi-style EMI filters in a capacitor-resistorcapacitor (C-R-C) network
• ±15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)
• ±30kV ESD protection on each channel (HBM)
• Greater than 35dB attenuation (typical) at 1 GHz
• uDFN package with 0.40mm lead pitch:
• 4-ch. = 8-lead uDFN
• 6-ch. = 12-lead uDFN
• 8-ch. = 16-lead uDFN
• Tiny uDFN package size:
• 8-lead: 1.70mm x 1.35mm x 0.50mm
• 12-lead: 2.50mm x 1.35mm x 0.50mm
• 16-lead: 3.30mm x 1.35mm x 0.50mm
• Increased robustness against vertical impacts during manufacturing process
• Lead-free finishing, RoHS compliant

Applications
• LCD and Camera data lines in mobile handsets
• I/O port protection for mobile handsets, notebook computers, PDAs etc.
• EMI filtering for data ports in cell phones, PDAs or notebook computers.
• Wireless handsets
• Handheld PCs/PDAs
• LCD and camera modules




Similar Part No. - CM1631

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM163 CML-CM163 Datasheet
222Kb / 1P
B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM163 VCC-CM163 Datasheet
27Kb / 1P
Double Contact Bayonet Base
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-04DE ONSEMI-CM1630-04DE Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630-06DE ONSEMI-CM1630-06DE Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results


Similar Description - CM1631

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com