Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6502REAADG6F Datasheet (PDF) - STMicroelectronics

STM6502REAADG6F Datasheet PDF - STMicroelectronics
Part # STM6502REAADG6F
Download  STM6502REAADG6F Download
File Size   454.03 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual push-button Smart ResetTM with user-adjustable setup delays

STM6502REAADG6F Datasheet (PDF)

Go To PDF Page Download Datasheet
STM6502REAADG6F Datasheet PDF - STMicroelectronics

Part # STM6502REAADG6F
Download  STM6502REAADG6F Click to download

File Size   454.03 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual push-button Smart ResetTM with user-adjustable setup delays

STM6502REAADG6F Datasheet (HTML) - STMicroelectronics


STM6502REAADG6F Product details

Features
■ Dual Smart Reset push-button inputs with extended reset setup delay
■ Adjustable Smart Reset setup delay (tSRC): by external capacitor or three-state logic (product options): tSRC = 2, 6, 10 s (min.)
■ Power-on reset
■ Single RST output, active-low, open-drain
■ Factory-programmable thresholds to monitor VCC in the range of 1.575 to 4.625 V typ.
■ Operating voltage 1.0 V (active-low output valid) to 5.5 V
■ Low supply current
■ Operating temperature: industrial grade –40 °C to +85 °C
■ TDFN8 package: 2 mm x 2 mm x 0.75 mm
■ RoHS compliant

Applications
■ Mobile phones, smartphones
■ e-books
■ MP3 players
■ Games
■ Portable navigation devices
■ Any application that requires delayed reset push-button(s) response for improved system stability




Similar Part No. - STM6502REAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
More results


Similar Description - STM6502REAADG6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
Smart push-button on/off controller with Smart ResetTM and power-on lockout
07-Jun-2010
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
21-Jun-2010
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
Dual push-button Smart ResetTM with capacitor-adjustable delays
26-Feb-2010
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
Dual push-button Smart Reset??with capacitor-adjustable setup delay
10-May-2010
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Torex Semiconductor
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
Push Button Smart Load Switch with 140m廓 internal high-side switch
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
1A Output Current Push Button Smart Load Switch
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com