Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTS1612 Datasheet (PDF) - Kinetic Technologies.

KTS1612 Datasheet PDF - Kinetic Technologies.
Part # KTS1612
Download  KTS1612 Download
File Size   513.75 Kbytes
Page   13 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Smart Push-Button Reset with Two Discharge Paths

KTS1612 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTS1612 Datasheet PDF - Kinetic Technologies.

Part # KTS1612
Download  KTS1612 Click to download

File Size   513.75 Kbytes
Page   13 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Smart Push-Button Reset with Two Discharge Paths

KTS1612 Datasheet (HTML) - Kinetic Technologies.


KTS1612 Product details

Features

• Operating Range: 2.2V~5.5V
• Supply Current in standby: < 1μA (VDD = 4V)
• Quiescent Current in Ship mode: < 1μA (VDD = 4V)
• Output Delay time (RST0 & 1 Input pins): 10s Typ.
• Reset Pulse Time (SRO, nSRO Output): 400ms Typ.
• Ship Mode Entry Delay Time (OFF Input): 15s
• Ship Mode Entry Command (OFF Input): 5 cycles
• Ship Mode Exit Delay Time (RST0 Input): Typ. 2s
• Output Discharge Time: 400ms Typ.
• Output Discharge Delay Time: 6ms Max
• ESD Protection
 Human Body Model: 2kV
 Charged Device Model: 1.5kV
• Over-Temperature Protection
• -40°C to +85°C Temperature Range

Applications

• Mobile Phones & Tablets
• Wearable Devices
• Portable Instruments
• DSC, DVR, GPS
• Electronics with non-removable batteries

Brief Description

The KTS1612 is a two input, two output Smart Push-
Button Reset IC. A reset pulse is generated for a
fixed discharge time (400ms typ) after both manual
reset inputs have been held low for the reset request
time of 10s.
The KTS1612 operates over the 2.2 V to 5.5V supply
voltage range, consuming less than 10μA of supply
current at 4V.
The reset and power sequence is controlled by
RST0/RST1 and OFF signals and have the ability to
drive an external P-channel MOSFET. The reset IC
supports two discharge outputs DCHG0 and
DCHG1.
The KTS1612 is available in lead-free, fully green
compliant, small 10-pin UQFN 2.0mm x 1.5mm
package.




Similar Part No. - KTS1612

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1613EQU-TR KINETIC-KTS1613EQU-TR Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results


Similar Description - KTS1612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
Quintuple, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
21-Jun-2010
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
Dual push-button Smart Reset??with capacitor-adjustable setup delay
10-May-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com