Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet (PDF) - STMicroelectronics

STM6905 Datasheet PDF - STMicroelectronics
Part # STM6905
Download  STM6905 Download
File Size   175.41 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quintuple, ultralow voltage supervisor with push-button reset

STM6905 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM6905 Datasheet PDF - STMicroelectronics

Part # STM6905
Download  STM6905 Click to download

File Size   175.41 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quintuple, ultralow voltage supervisor with push-button reset

STM6905 Datasheet (HTML) - STMicroelectronics


STM6905 Product details

Description
The STM6905 supervisor is a low voltage/low supply current processor supervisor, designed to monitor up to five system power supply voltages. This device is targeted at applications such as set-top boxes (STBs), portable, battery-powered systems, networking and communication systems.

Features
• Quintuple voltage monitoring
• Accurate ±1.8 % across temperature voltage threshold (±1 % at 25 °C)
• Primary supply (VCC) monitor. Fixed (factory - programmed) reset thresholds: 3.078 V to 2.866 V
• Second fixed (V2IN) monitor. Fixed (factoryprogrammed) reset thresholds: 2.333 V to 1.050 V
• Three additional adjustable supply monitor inputs (externally adjustable)
• 600 mV internal reference
• RST output (open drain)
• Output guaranteed for VCC ≥ 0.8 V
• Reset delay time (TREC) on power-up: 210 ms (typ)
• Manual reset input (MR)
• Low supply current of 12 µA (typ)
• Power supply voltage 0.8 V to 5.5 V
• RoHS compliant (green package)
• 8-pin MSOP/TSSOP
• Operating temperature: –40 °C to 85 °C (industrial grade)

Applications
• Set-top boxes
• Multi-voltage systems
• Cable/satellite applications
• Computer systems
• Data storage equipment




Similar Part No. - STM6905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM690 STMICROELECTRONICS-STM690 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM690 STMICROELECTRONICS-STM690 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6904PWEDS6E STMICROELECTRONICS-STM6904PWEDS6E Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
More results


Similar Description - STM6905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
logo
Texas Instruments
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com