Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56P-DISCOVERY Datasheet (PDF) - STMicroelectronics

SPC56P-DISCOVERY Datasheet PDF - STMicroelectronics
Part # SPC56P-DISCOVERY
Download  SPC56P-DISCOVERY Download
File Size   133.84 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset push button

SPC56P-DISCOVERY Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC56P-DISCOVERY Datasheet PDF - STMicroelectronics

Part # SPC56P-DISCOVERY
Download  SPC56P-DISCOVERY Click to download

File Size   133.84 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Reset push button

SPC56P-DISCOVERY Datasheet (HTML) - STMicroelectronics


SPC56P-DISCOVERY Product details

Description
The SPC560P-DISP Discovery+ kit helps to discover SPC560 P line Power Architecture Microcontrollers with full access to CPUs, GPI/O's and peripherals such as CAN, JTAG, K-Line, LIN at budget price. Dedicated connectors allow plugging Arduino shields (Arduino-compatible). Free ready-to-run application firmware examples are available inside SPC5Studio (www.st.com/spc5studio) to support quick evaluation and development. SPC5Studio includes visual configurable code generation engine, board support package (BSP), start-up routines, interrupt services, free RTOS (optional) and a full set of low level drivers. SPC5Studio includes HighTec GNU "C" compiler, with a 30-days full free trial support. SPC5Studio is available for free download. The SPC560 P line is designed to address cost sensitive chassis, airbag, electrical hydraulic power steering (EHPS), electric power steering (EPS), and electrical motor control applications. An E2E Community is available on ST WEB.

Features
■ SPC560P50L5 32-bit 64MHz e200z0h CPU;32-bit Power Architecture® Technology CPU, 576 KB Flash in an LQFP144 package.
■ Shield Connectors (Arduino compatible).
■ On-board USB-JTAG PLS debugger and HW selection mode to use stand-alone JTAG debuggers (2 x 7 male 100mil connector).
■ Free 128 Kbyte code size limited debugging
■ Board power supply: from the USB bus (5 V supply voltage) or through external +12 V PSU.
■ All GPIOs and DSPI/USB signals accessible by a 4x37 100mil pin grid array allowing connection of an additional boards for dedicated applications.
■ CAN, K-LINE, LIN, FlexRay interfaces.
■ Main power switch.
■ Reset push button.
■ 2 potentiometers for ADC evaluation
■ 12 MHz crystal.
■ Board size 152 x 103 mm




Similar Part No. - SPC56P-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
More results


Similar Description - SPC56P-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
Quintuple, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
Push Button
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com