Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2786 Datasheet (PDF) - Micrel Semiconductor

MIC2786 Datasheet PDF - Micrel Semiconductor
Part # MIC2786
Download  MIC2786 Download
File Size   585.79 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Push-Button Reset IC with Voltage Supervisor

MIC2786 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2786 Datasheet PDF - Micrel Semiconductor

Part # MIC2786
Download  MIC2786 Click to download

File Size   585.79 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Push-Button Reset IC with Voltage Supervisor

MIC2786 Datasheet (HTML) - Micrel Semiconductor


MIC2786 Product details

General Description  

The MIC2786/MIC2787 are low-current, ultra-small, push button supervisor reset ICs with an integrated supply voltage monitor. The device features two manual reset inputs and two reset outputs. The reset outputs are asserted and held when the supply voltage decreases below the factory programmed threshold voltage. Reset will be asserted for the reset timeout delay once the supply voltage increases above the rising threshold voltage or when both manual reset inputs are asserted low for longer than the setup delay time.



Features

• 1.6V to 5.5V operating voltage

• 7.4µA supply current when /MR0, /MR1 not asserted

• 1.66V to 4.63V preset voltage threshold options

• 2.5% voltage threshold accuracy over temperature

• Asserting /MR0 and /MR1 for the setup delay time asserts reset output for the reset timeout delay

• Programmable delay (PDY) input selects 2s, 4s or 6s setup delay

• Factory-programmed 140ms (min.) or 240ms (min.) reset timeout delay

• Integrated /MR0, /MR1 pull-up resistors (MIC2786)

•Dual reset outputs:

− Open-drain, active-low reset output (/RST)

− Push-pull, active-high reset output (RSTP)

•  −40°C to +85°C ambient operating temperature range

• 8-pin 2mm x 2mm x 0.55mm Thin MLF® package



Applications

•Smart phones

•Tablets

• Set-top boxes (STB)




Similar Part No. - MIC2786

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
More results


Similar Description - MIC2786

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
Quintuple, ultralow voltage supervisor with push-button reset
28-Jan-2008
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
logo
Micrel Semiconductor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
logo
STMicroelectronics
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com