Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2788 Datasheet (PDF) - Micrel Semiconductor

MIC2788 Datasheet PDF - Micrel Semiconductor
Part # MIC2788
Download  MIC2788 Download
File Size   548.02 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Push-Button Reset IC

MIC2788 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2788 Datasheet PDF - Micrel Semiconductor

Part # MIC2788
Download  MIC2788 Click to download

File Size   548.02 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Push-Button Reset IC

MIC2788 Datasheet (HTML) - Micrel Semiconductor


MIC2788 Product details

General Description
The MIC2788/MIC2789 are low-current, ultra-small, push-button reset supervisors with long set-up delays. The devices feature two manual reset inputs and two reset outputs. The devices initiate a reset for the reset timeout period when the /MR0 and /MR1 inputs are asserted low for a period longer than the set-up delay. The two manual reset inputs and long set-up period help to avoid unintended system resets. Both manual reset inputs can be tied together if a single push-button reset is desired.

Features
• 1.6V to 5.5V operating voltage
• 2.9µA supply current when /MR0, /MR1 are not asserted
• Asserting /MR0 and /MR1 for longer than set-up delay asserts reset output for the reset timeout period
• Programmable delay (PDY) input selects 2.0s, 4.0s or 6.0s set-up delay
• Factory-programmed 140ms (min.) or 240ms (min.) reset timeout period
• Integrated /MR0, /MR1 pull-up resistors (MIC2788)
• Dual Reset Outputs:
    − Open-drain active-low reset (/RST) output
    − Push-pull active-high reset (RSTP) output
• −40°C to 85°C ambient operating temperature range
• 8-pin 2mm x 2mm x 0.55mm thin MLF® package

Applications
• Smart phones
• MP3 players
• Portable navigation devices
• Set-top boxes (STBs)
• Tablets/pads




Similar Part No. - MIC2788

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
More results


Similar Description - MIC2788

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
Quad, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
Quintuple, ultralow voltage supervisor with push-button reset
28-Jan-2008
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
MIC2782 MICREL-MIC2782_12 Datasheet
440Kb / 16P
Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
Dual-Input Push Button Reset IC
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com