Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6905 Datasheet HTML 2Page - STMicroelectronics STM6905 Datasheet HTML 3Page - STMicroelectronics STM6905 Datasheet HTML 4Page - STMicroelectronics STM6905 Datasheet HTML 5Page - STMicroelectronics STM6905 Datasheet HTML 6Page - STMicroelectronics STM6905 Datasheet HTML 7Page - STMicroelectronics STM6905 Datasheet HTML 8Page - STMicroelectronics STM6905 Datasheet HTML 9Page - STMicroelectronics STM6905 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Description
STM6905
6/19
Table 2.
Signal names and functions
Pin
Name
Type
Function
1MR
Input
Active-low manual reset input with internal pull-up resistor
2VCC
Supply
Primary supply voltage input and integrated fixed threshold under-
voltage monitor
3
V2IN
Input
Second fixed threshold input monitor
4VSS
Supply
Ground
5
V3IN
Input
Adjustable third reset comparator input
6
V4IN
Input
Adjustable fourth reset comparator input
7
V5IN
Input
Adjustable fifth reset comparator input
8RST
Output
Active-low open-drain reset output (10k ohm internal pull-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com