Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 5 Page - STMicroelectronics

  STM6905 Datasheet HTML 1Page - STMicroelectronics STM6905 Datasheet HTML 2Page - STMicroelectronics STM6905 Datasheet HTML 3Page - STMicroelectronics STM6905 Datasheet HTML 4Page - STMicroelectronics STM6905 Datasheet HTML 5Page - STMicroelectronics STM6905 Datasheet HTML 6Page - STMicroelectronics STM6905 Datasheet HTML 7Page - STMicroelectronics STM6905 Datasheet HTML 8Page - STMicroelectronics STM6905 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STM6905
Description
5/19
1
Description
The STM6905 supervisor is a low voltage/low supply current processor supervisor,
designed to monitor up to five system power supply voltages. This device is targeted at
applications such as set-top boxes (STBs), portable, battery-powered systems, networking
and communication systems.
The device supports a push-button type manual reset input (MR). Two of the five supply
monitors (VCC and V2IN) have fixed (customer-selectable, factory-trimmed) thresholds
(VRST1 and VRST2). The other three voltage monitor inputs (V3IN, V4IN and V5IN) are
monitored using externally adjustable threshold (600 mV internal reference) to meet specific
level requirements.
If any of the five monitored voltages drops below its factory-trimmed or adjustable
thresholds, or if the MR is asserted to logic low, the reset output RST is asserted (driven
low). Once asserted, RST is maintained Low for a minimum delay period (trec) after ALL
monitored supplies rise above their respective thresholds and MR returns to High. Reset
output logic state is valid for VCC greater than 0.8 V.
The STM6905 is available in a standard 8-lead MSOP (TSSOP) package.
Figure 1.
Logic diagram
Figure 2.
MSOP/TSSOP-8 connections
V4IN
VCC
STM6905
MR
RST
VSS
V5IN
V2IN
V3IN
ai13970
1
V3IN
VSS
V4IN
V5IN
VCC
MR
RST
V2IN
ai13971
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com