Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM6905
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM6905 Datasheet HTML 9Page - STMicroelectronics STM6905 Datasheet HTML 10Page - STMicroelectronics STM6905 Datasheet HTML 11Page - STMicroelectronics STM6905 Datasheet HTML 12Page - STMicroelectronics STM6905 Datasheet HTML 13Page - STMicroelectronics STM6905 Datasheet HTML 14Page - STMicroelectronics STM6905 Datasheet HTML 15Page - STMicroelectronics STM6905 Datasheet HTML 16Page - STMicroelectronics STM6905 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STM6905
DC and AC parameters
13/19
VHYST
Reset threshold
hysteresis
Referenced to VRST1/VRST2
typical
0.5
%
tRD
VCC to RST delay
VCC = (VRST1 + 100 mV) to
(VRST1 – 100 mV)
20
µs
V2IN = (VRST2 + 75 mV) to
(VRST2 – 75 mV)
20
µs
tREC
tRP
RST time-out period
Option B(5)
20
30
40
ms
Option C(5)
80
120
180
ms
Option E
140
210
280
ms
Option F(5)
280
420
560
ms
Adjustable reset comparator input (V3IN, V4IN, V5IN)
VRSTIN
V3IN, V4IN, V5IN input
threshold
589
600
611
mV
IRSTIN
V3IN, V4IN, V5IN input
current
V3IN, V4IN, V5IN > 0.8 V
–25
+25
nA
V3IN, V4IN, V5IN
hysteresis
3mV
tRSTIND
V3IN, V4IN, V5IN to
RST output delay
VRSTIN to (VRSTIN – 30 mV)
22
µs
Manual (push-button) reset input
VIL
MR input voltage
0.3 x VCC
V
VIH
0.7 x VCC
V
tMLMH
tMR
MR minimum pulse
width
1µs
tMLRL
tMRD
MR to RST output delay
200
ns
MR glitch immunity
100
ns
MR pull-up resistance
10
k
Ω
1.
Valid for ambient operating temperature: TA = –40°C to +85°C; VCC = 0.8 V to 5.5 V (except where noted).
2.
10k ohm (typ) internal pull-up resistor.
3.
The leakage current measured on the RST pin is tested with the reset de-asserted (output high impedance).
4.
Other reset threshold voltages are offered. Minimum order quantities may apply. Contact local sales office for availability.
5.
Other tREC time-out periods are offered. Minimum order quantities may apply. Contact local sales office for availability.
Table 4.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com